Part Number Hot Search : 
TA78L15S SFA1601G MC010BK1 SOT143 FD168H IRFW840 0603A PP1DDS
Product Description
Full Text Search
 

To Download RN2502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RN2501~RN2506
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2501,RN2502,RN2503 RN2504,RN2505,RN2506
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
l Including two devices in SMV (super mini type with 5 leads) l With built-in bias resistors l Simplify circuit design l Reduce a quantity of parts and manufacturing process l Complementary to RN1501~RN1506 Unit: mm
Equivalent Circuit and Bias Resistor Values
Type No. RN2501 RN2502 RN2503 RN2504 RN2505 RN2506 R1 (k) 4.7 10 22 47 2.2 4.7 R2 (k) 4.7 10 22 47 47 47
JEDEC EIAJ TOSHIBA Weight: 0.014g
2-3L1A
Equivalent Circuit (Top View) Maximum Ratings (Ta = 25C) (Q1, Q2 Common)
Characteristic Collector-base voltage Collector-emitter voltage Emitter base voltage Collector current Collector power dissipation Junction temperature Storage temperature range RN2501~2506 RN2501~2506 RN2501~2504 RN2505, 2506 Symbol VCBO VCEO VEBO IC P C* Tj Tstg Rating -50 -50 -10 -5 -100 300 150 -55~150 Unit V V V mA mW C C
* Total rating
1
2001-06-07
RN2501~RN2506
Electrical Characteristics (Ta = 25C) (Q1, Q2 Common)
Characteristic Collector cut-off current RN2501~2506 RN2501 RN2502 Emitter cut-off current RN2503 RN2504 RN2505 RN2506 RN2501 RN2502 DC current gain RN2503 RN2504 RN2505 RN2506 Collector-emitter saturation voltage RN2501~2506 RN2501 RN2502 Input voltage (ON) RN2503 RN2504 RN2505 RN2506 Input voltage (OFF) Translation frequency Collector output capacitance RN2501~2504 RN2505, 2506 RN2501~2506 RN2501~2506 RN2501 RN2502 Input resistor RN2503 RN2504 RN2505 RN2506 RN2501~2504 Resistor ratio RN2505 RN2506 R1/R2 R1 VI (OFF) fT Cob VI (ON) VCE (sat) hFE IEBO Symbol ICBO ICEO Test Circuit VCE = -5V IC = -0.1mA VCE = -10V IC = -5mA VCB = -10V, IE = 0 f = 1MHz VCE = -0.2V IC = -5mA IC = -5mA IB = -0.25mA VCE = -5V IC = -10mA VEB = -5V, IC = 0 VEB = -10V, IC = 0 Test Condition VCB = -50V, IE = 0 VCE = -50V, IB = 0 Min -0.82 -0.38 -0.17 -0.082 -0.078 -0.074 30 50 70 80 80 80 -1.1 -1.2 -1.3 -1.5 -0.6 -0.7 -1.0 -0.5 3.29 7 15.4 32.9 1.54 3.29 0.9 Typ. -0.1 200 3 4.7 10 22 47 2.2 4.7 1.0 Max -100 -500 -1.52 -0.71 -0.33 -0.15 -0.145 -0.138 -0.3 -2.0 -2.4 -3.0 -5.0 -1.1 -1.3 -1.5 -0.8 6 6.11 13 28.6 61.1 2.86 6.11 1.1 k V MHz pF V V mA Unit nA
0.0421 0.0468 0.0515 0.09 0.1 0.11
2
2001-06-07
RN2501~RN2506
(Q1, Q2 Common)
3
2001-06-07
RN2501~RN2506
(Q1, Q2 Common)
4
2001-06-07
RN2501~RN2506
(Q1, Q2 Common)
5
2001-06-07
RN2501~RN2506
Type Name Marking
RN2501
RN2502
RN2503
RN2504
RN2505
RN2506
6
2001-06-07
RN2501~RN2506
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
7
2001-06-07


▲Up To Search▲   

 
Price & Availability of RN2502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X